Part Number Hot Search : 
10800 B5551 BZ5245 GM2110 M4040 1N4001 MAX2720 74HC54
Product Description
Full Text Search
 

To Download 502611-5521 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
5026115521 Active
0.50mm (.020") Pitch Easy-OnTM Type FPC Connector, Right Angle, SMT, Bottom Contact, 3.90mm (.154") Mated Height, 55 Circuits, with Dust Cover, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-502611-002 (PDF) RoHS Certificate of Compliance (PDF) Series FFC/FPC Connectors 502611 Easy-OnTM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Product Name
Physical
Circuits (Loaded) Contact Position Durability (mating cycles max) Entry Angle Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Number of Rows Orientation PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 55 Bottom 20 90 Angle 0.154 In 3.90 mm Copper Alloy Gold 1 Right Angle Yes Embossed Tape on Reel 0.020 In 0.50 mm Yes No -10C TO +100C Surface Mount FPC only
Search Parts in this Series 502611Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.3A 100V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-502611-002, RPS-502611-003 SD-502611-003, SD-502611-004
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 502611-5521

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X